Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N5393D Fiches technique(PDF) 17 Page - Keysight Technologies

No de pièce N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Fiches technique(HTML) 17 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 13Page - Keysight Technologies N5393D Datasheet HTML 14Page - Keysight Technologies N5393D Datasheet HTML 15Page - Keysight Technologies N5393D Datasheet HTML 16Page - Keysight Technologies N5393D Datasheet HTML 17Page - Keysight Technologies N5393D Datasheet HTML 18Page - Keysight Technologies N5393D Datasheet HTML 19Page - Keysight Technologies N5393D Datasheet HTML 20Page - Keysight Technologies N5393D Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
If your device fails a test, you need to
determine how it failed. To use the PCI
Express electrical test software, you must
install Keysight’s high-speed serial data
analysis software, which provides you with
several powerful debugging tools. The
8b/10b decoding feature lets you identify
data-dependent errors that result in eye
mask violations caused by inter-symbol
interference (ISI). You can perform 8b/10b
decoding to capture and display serial
data synchronized with the analog view of
a serial data stream (For PCIe 1.x and 2.x).
Powerful Debugging Aids
Figure 24. The 8b/10b decoded symbol information is shown below the appropriate portion of a PCI
Express signal using the E2688A software.
Use the 10-bit code display to validate
your compliance pattern conforms to
the PCI Express standard
Make sure your compliance pattern has
the proper disparity (K28.5-, D21.5,
K28.5+, D10.2)
Using the E2688A Serial Data Analysis tool
you can test for illegal characters in your
compliance pattern. You can also use the
mask test feature to identify the specific
digital patterns that caused a specific
failure in the eye diagram when testing
under the 1.1 specification (using a first
order PLL).
For 2.0 testing you can use a first or
second order PLL for clock recovery and
apply a TIE brick wall filter (included with
the E2688A Series Data Analysis package)
to achieve a proper clock filtering.
Figure 25. Check for illegal characters in the compliance pattern (such as SKP’s) using the E2688A
Serial Data Analysis tool.
Problems with early silicon still persist with new PCI
Express devices. Make sure yours isn’t one of them. SKP
characters are not allowed in the compliance pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25