Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N5393D Fiches technique(PDF) 6 Page - Keysight Technologies

No de pièce N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Fiches technique(HTML) 6 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 2Page - Keysight Technologies N5393D Datasheet HTML 3Page - Keysight Technologies N5393D Datasheet HTML 4Page - Keysight Technologies N5393D Datasheet HTML 5Page - Keysight Technologies N5393D Datasheet HTML 6Page - Keysight Technologies N5393D Datasheet HTML 7Page - Keysight Technologies N5393D Datasheet HTML 8Page - Keysight Technologies N5393D Datasheet HTML 9Page - Keysight Technologies N5393D Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
06 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Easy Test Definition
Figure 2. The software allows you to easily specify the test standard you want to use to test the
compliance of your device. This makes test setup easy as only the appropriate tests for the test
point you pick are shown on later test selection pages.
Figure 3. The Keysight automated test engine guides you quickly through selecting tests,
configuring tests, setting up the connection, running the tests, and viewing the results. Individual
tests or groups of tests are easily selected with a mouse click.
The PCI Express electrical test software
extends the ease-of-use advantages
of Keysight’s Infiniium oscilloscopes to
testing PCI Express designs. The Keysight
automated test engine walks you quickly
through the steps required to define the
tests, set up the tests, perform the tests,
and view the test results. You can select
a category of tests all at once, or specify
individual tests. You can save tests and
configurations as project files and recall
them later for quick testing and review
of previous test results. Straightforward
menus let you perform tests with a
minimum of mouse clicks.
The software allows you to easily specify
the test standard you want to use to test
the compliance of your device. This makes
test setup easy as only the appropriate
tests for the test point you pick are shown
on later test selection pages.
Test with SSC enabled or with a
clean clock (for compliance)
Choose half swing if testing low
power devices
Test your reference clock
for phase jitter to help
ensure clean high data rate
transmissions
De-embed test fixtures with the
optional InfiniiSim waveform
transformation toolset
Pick the standard you
want to test against
Choose the test point or specific
signal you want to test
Easy to follow task flow
for configuring and
running tests
Select one test or a group
of tests with a single
mouse click



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25