Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VDP313XY Fiches technique(PDF) 6 Page - Micronas

No de pièce VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Fiches technique(HTML) 6 Page - Micronas

Back Button VDP313XY Datasheet HTML 2Page - Micronas VDP313XY Datasheet HTML 3Page - Micronas VDP313XY Datasheet HTML 4Page - Micronas VDP313XY Datasheet HTML 5Page - Micronas VDP313XY Datasheet HTML 6Page - Micronas VDP313XY Datasheet HTML 7Page - Micronas VDP313XY Datasheet HTML 8Page - Micronas VDP313XY Datasheet HTML 9Page - Micronas VDP313XY Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
6
Micronas
1.3. Video Processor Family
Each member of the family contains the entire video,
display, and deflection processing for 4:3 and 16:9, 50/
60 Hz TV sets. Its performance and flexibility allow the
user to standardize his product development. Hard-
ware and software applications can profit from the
modularity, as well as manufacturing, systems support
or maintenance. An overview of the VDP 313xY video
processor family is shown in Fig. 1–2.
The new VDP 313xY family is the next generation of
Video and Deflection Processors. The main differ-
ences towards the VDP 31xxB family are
– YCRCB component input
– angle and bow correction
– automatic standard recognition
– detection of Macrovision signals
– no dig. RGB interface for TPU 3050
– no stand-by input mode and CLK5 output
– minor changes of pinout
Fig. 1–2: VDP 313xY family overview
VDP 3134Y
VDP 3133Y
VDP 3132Y
VDP 3131Y
VDP 3130Y

VDP 313xY
Family

































Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76