Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS3142-I/ST Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Fiches technique(HTML) 11 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 7Page - Microchip Technology MCS3142-I/ST Datasheet HTML 8Page - Microchip Technology MCS3142-I/ST Datasheet HTML 9Page - Microchip Technology MCS3142-I/ST Datasheet HTML 10Page - Microchip Technology MCS3142-I/ST Datasheet HTML 11Page - Microchip Technology MCS3142-I/ST Datasheet HTML 12Page - Microchip Technology MCS3142-I/ST Datasheet HTML 13Page - Microchip Technology MCS3142-I/ST Datasheet HTML 14Page - Microchip Technology MCS3142-I/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 11
MCS3142
TABLE 3-9:
CLASSIC KEELOQ® TECHNOLOGY TIME ELEMENT VALUE CONFIGURATION
REGISTER
Byte Address
Bit
Description
Values
0x1D
7:0
Time Element Timer Value
See Section 6.2 “Baud Rate”
TABLE 3-10:
ULTIMATE KEELOQ® TECHNOLOGY CRYPT KEY CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x1E
7:0
Crypt Key
Least Significant eight bits of the crypt key
0x1F
7:0
Byte 1 of the crypt key
0x20
7:0
Byte 2 of the crypt key
0x21
7:0
Byte 3 of the crypt key
0x22
7:0
Byte 4 of the crypt key
0x23
7:0
Byte 5 of the crypt key
0x24
7:0
Byte 6 of the crypt key
0x25
7:0
Byte 7 of the crypt key
0x26
7:0
Byte 8 of the crypt key
0x27
7:0
Byte 9 of the crypt key
0x28
7:0
Byte 10 of the crypt key
0x29
7:0
Byte 11 of the crypt key
0x2A
7:0
Byte 12 of the crypt key
0x2B
7:0
Byte 13 of the crypt key
0x2C
7:0
Byte 14 of the crypt key
0x2D
7:0
Most Significant eight bits of the crypt key
TABLE 3-11:
ULTIMATE KEELOQ® TECHNOLOGY SEED CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x2E
7:0
Seed
Least Significant eight bits of the seed
0x2F
7:0
Byte 1 of the seed
0x30
7:0
Byte 2 of the seed
0x31
7:0
Byte 3 of the seed
0x32
7:0
Byte 4 of the seed
0x33
7:0
Byte 5 of the seed
0x34
7:0
Byte 6 of the seed
0x35
7:0
Byte 7 of the seed
0x36
7:0
Byte 8 of the seed
0x37
7:0
Byte 9 of the seed
0x38
7:0
Byte 10 of the seed
0x39
7:0
Byte 11 of the seed
0x3A
7:0
Byte 12 of the seed
0x3B
7:0
Byte 13 of the seed
0x3C
7:0
Byte 14 of the seed
0x3D
7:0
Most Significant eight bits of the seed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37