| Moteur de recherche de fiches techniques de composants électroniques |
|
MCS3142-I/ST Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142-I/ST Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 37 page ![]() MCS3142 DS40001747A-page 6 2014 Microchip Technology Inc. 2.0 DEVICE DESCRIPTION As shown in the typical application circuit (Figure 2-1), MCS3142 is a simple device to use. It requires only the addition of buttons, an external 32.768 kHz watch crystal, a transmitter reference oscillator, and RF circuitry for use as the transmitter in your security application. See Table 1 for a description of each pin. FIGURE 2-1: TYPICAL CIRCUIT Rev. 20-000011A 9/23/2013 VDD VDD CLKIN CLKOUT S3 PGC PGD NA VDD CTRL LED DATA CTRL DATA VSS XTAL S1 S2 S0 VSS VDD B3 B0 B1 B2 Matching Circuit Block RFOUT |