Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6720-27ACPZ-R7 Fiches technique(PDF) 40 Page - Analog Devices

No de pièce ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Fiches technique(HTML) 40 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 39 of 43
Address: 0x32, Reset: 0x0900, Name: MOD_CTL0
Table 26. Bit Descriptions for MOD_CTL0
Bits
Bit Name
Settings
Description
Reset
Access
[14:12]
MOD_BLEED
Modulator Bleed Current.
0x0
RW
[11:10]
POL_Q
Quadrature Polarity Switch, Q Channel.
0x2
RW
01
Inverted Q Channel Polarity.
10
Normal Polarity.
[9:8]
POL_I
Quadrature Polarity Switch, I Channel.
0x1
RW
01
Normal Polarity.
10
Inverted I Channel Polarity.
[7:4]
Q_LO
Unwanted Sideband Nulling, Q Channel.
0x0
RW
[3:0]
I_LO
Unwanted Sideband Nulling, I Channel.
0x0
RW
Address: 0x33, Reset: 0x0000, Name: MOD_CTL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44