Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6720-27ACPZ-R7 Fiches technique(PDF) 35 Page - Analog Devices

No de pièce ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Fiches technique(HTML) 35 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 34 of 43
Address: 0x02, Reset: 0x002C, Name: INT_DIV
Table 17. Bit Descriptions for INT_DIV
Bits
Bit Name
Settings
Description
Reset
Access
11
DIV_MODE
Divide Mode.
0x0
RW
0
Fractional
1
Integer
[10:0]
INT_DIV
Divider INT Value.
0x2C
RW
Address: 0x03, Reset: 0x0128, Name: FRAC_DIV
Table 18. Bit Descriptions for FRAC_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
FRAC_DIV
Divider FRAC Value.
0x128
RW
Address: 0x04, Reset: 0x0600, Name: MOD_DIV
Table 19. Bit Descriptions for MOD_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
MOD_DIV
Divider Modulus Value.
0x600
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44