| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD103 Fiches technique(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD103 Fiches technique(HTML) 36 Page - Analog Devices |
|
36 / 53 page ![]() Data Sheet ADPD103 Rev. B | Page 35 of 52 Hex Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Addr Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 0x22 ILED3_ COARSE [15:8] Reserved[15:14] ILED3_ SCALE Reserved[12:8] 0x3000 R/W [7:0] Reserved ILED3_SLEW[6:4] ILED3_COARSE[3:0] 0x23 ILED1_ COARSE [15:8] Reserved[15:14] ILED1_ SCALE Reserved[12:8] 0x3000 R/W [7:0] Reserved ILED1_SLEW[6:4] ILED1_COARSE[3:0] 0x24 ILED2_ COARSE [15:8] Reserved[15:14] ILED2_ SCALE Reserved[12:8] 0x3000 R/W [7:0] Reserved ILED2_SLEW[6:4] ILED2_COARSE[3:0] 0x25 ILED_ FINE [15:8] ILED3_FINE[15:11] ILED2_FINE[10:8] 0x630C R/W [7:0] ILED2_FINE[7:6] Reserved ILED1_FINE[4:0] 0x30 SLOTA_ LED_ PULSE [15:8] Reserved[15:13] SLOTA_LED_WIDTH[12:8] 0x0320 R/W [7:0] SLOTA_LED_OFFSET[7:0] 0x31 SLOTA_ NUM- PULSES [15:8] SLOTA_LED_NUMBER[15:8] 0x0818 R/W [7:0] SLOTA_LED_PERIOD[7:0] 0x34 LED_ DISABLE [15:8] Reserved[15:10] SLOTB_LED_ DIS SLOTA_ LED_DIS 0x0000 R/W [7:0] Reserved[7:0] 0x35 SLOTB_ LED_ PULSE [15:8] Reserved[15:13] SLOTB_LED_WIDTH[12:8] 0x0320 R/W [7:0] SLOTB_LED_OFFSET[7:0] 0x36 SLOTB_ NUM- PULSES [15:8] SLOTB_LED_NUMBER[15:8] 0x0818 R/W [7:0] SLOTB_LED_PERIOD[7:0] 0x38 TIMING_ CFG [15:8] Reserved EXT_SYNC_ ENA Reserved[13:8] 0x000 R/W [7:0] Reserved[7:0] 0x39 SLOTA_ AFE_ WINDOW [15:8] SLOTA_AFE_WIDTH[15:11] SLOTA_AFE_OFFSET[10:8] 0x22FC R/W [7:0] SLOTA_AFE_OFFSET[10:5] SLOTA_AFE_FOFFSET[4:0] 0x3B SLOTB_ AFE_ WINDOW [15:8] SLOTB_AFE_WIDTH[15:11] SLOTB_AFE_OFFSET[10:8] 0x22FC R/W [7:0] SLOTB_AFE_OFFSET[10:5] SLOTB_AFE_FOFFSET[4:0] 0x3C AFE_PWR _CFG1 [15:8] Reserved[15:14] Reserved[13:11] Reserved V_ CATHODE AFE_ POWER-DOWN 0x3006 R/W [7:0] AFE_POWERDOWN[7:3] Reserved[2:0] 0x42 SLOTA_ TIA_CFG [15:8] SLOTA_AFE_MODE[15:8] 0x1C38 R/W [7:0] Reserved SLOTA_ TIA_ IND_EN Reserved[5:2] (write 0xD) SLOTA_TIA_GAIN[1:0] 0x43 SLOTA_ AFE_CFG [15:8] SLOTA_AFE_CFG[15:8] 0xADA5 R/W [7:0] SLOTA_AFE_CFG[7:0] 0x44 SLOTB_ TIA_CFG [15:8] SLOTB_AFE_MODE[15:8] 0x1C38 R/W [7:0] Reserved SLOTB_ TIA_ IND_EN Reserved[5:2] (write 0xD) SLOTB_TIA_GAIN[1:0] 0x45 SLOTB_ AFE_CFG [15:8] SLOTB_AFE_CFG[15:8] 0xADA5 R/W [7:0] SLOTB_AFE_CFG[7:0] 0x4B SAMPLE_ CLK [15:8] Reserved[15:8] 0x2612 R/W [7:0] CLK32K_EN Reserved CLK32K_ADJUST[5:0] 0x4D CLK32M_ ADJUST [15:8] RESERVED[15:8] 0x425E R/W [7:0] CLK32M_ADJUST[7:0] 0x4E ADC_ CLOCK [15:8] ADC_CLOCK[15:8] 0x0060 R/W [7:0] ADC_CLOCK[7:0] 0x4F EXT_ SYNC_SEL [15:8] Reserved[15:8] 0x2090 R/W [7:0] Reserved PDSO_ OE PDSO_IE Reserved EXT_SYNC_SEL[3:2] INT_IE Reserved |