| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD103 Fiches technique(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD103 Fiches technique(HTML) 35 Page - Analog Devices |
|
35 / 53 page ![]() ADPD103 Data Sheet Rev. B | Page 34 of 52 REGISTER LISTING Table 19. Numeric Register Listing1 Hex Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Addr Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 0x00 Status [15:8] FIFO_SAMPLES[15:8] 0x0000 R/W [7:0] Reserved SLOTB_ INT SLOTA_INT Reserved[4:0] 0x01 INT_ MASK [15:8] Reserved[15:9] FIFO_INT_MASK 0x00FF R/W [7:0] Reserved SLOTB_INT_ MASK SLOTA_INT_ MASK Reserved[4:0] 0x02 INT_IO_ CTL [15:8] Reserved[15:8] 0x0000 R/W [7:0] Reserved[7:3] INT_ENA INT_DRV INT_POL 0x06 FIFO_ THRESH [15:8] Reserved[15:14] FIFO_THRESH[13:8] 0x0000 R/W [7:0] Reserved[7:0] 0x08 DEVID [15:8] REV_NUM[15:8] 0x0416 R [7:0] DEV_ID[7:0] 0x09 I2CS_ID [15:8] ADDRESS_WRITE_KEY[15:8] 0x00C8 R/W [7:0] SLAVE_ADDRESS[7:1] Reserved 0x0A CLK_ RATIO [15:8] Reserved[15:12] CLK_RATIO[11:8] 0x0000 R [7:0] CLK_RATIO[7:0] 0x0D SLAVE_ ADDRESS _KEY [15:8] SLAVE_ADDRESS_KEY[15:8] 0x0000 R/W [7:0] SLAVE_ADDRESS_KEY[7:0] 0x0F SW_ RESET [15:8] Reserved[15:8] 0x0000 R/W [7:0] Reserved[7:1] SW_RESET 0x10 Mode [15:8] Reserved[15:8] 0x0000 R/W [7:0] Reserved[7:2] Mode[1:0] 0x11 SLOT_EN [15:8] Reserved[15:14] RDOUT_M ODE FIFO_OVRN_ PREVENT Reserved[11:9] SLOTB_FIFO_ MODE 0x1000 R/W [7:0] SLOTB_FIFO_MODE[7:6] SLOTB_EN SLOTA_FIFO_MODE[4:2] Reserved SLOTA_EN 0x12 FSAMPLE [15:8] FSAMPLE[15:8] 0x0028 R/W [7:0] FSAMPLE[7:0] 0x14 PD_LED_ SELECT [15:8] Reserved[15:12] SLOTB_PD_SEL[11:8] 0x0541 R/W [7:0] SLOTA_PD_SEL[7:4] SLOTB_LED_SEL[3:2] SLOTA_LED_SEL[1:0] 0x15 NUM_ AVG [15:8] Reserved SLOTB_NUM_AVG 0x0600 R/W [7:0] Reserved SLOTA_NUM_AVG Reserved 0x18 SLOTA_ CH1_ OFFSET [15:8] SLOTA_CH1_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH1_OFFSET[7:0] 0x19 SLOTA_ CH2_ OFFSET [15:8] SLOTA_CH2_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH2_OFFSET[7:0] 0x1A SLOTA_ CH3_ OFFSET [15:8] SLOTA_CH3_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH3_OFFSET[7:0] 0x1B SLOTA_ CH4_ OFFSET [15:8] SLOTA_CH4_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH4_OFFSET[7:0] 0x1E SLOTB_ CH1_ OFFSET [15:8] SLOTB_CH1_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH1_OFFSET[7:0] 0x1F SLOTB_ CH2_ OFFSET [15:8] SLOTB_CH2_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH2_OFFSET[7:0] 0x20 SLOTB_ CH3_ OFFSET [15:8] SLOTB_CH3_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH3_OFFSET[7:0] 0x21 SLOTB_ CH4_ OFFSET [15:8] SLOTB_CH4_OFFSET[15:8] 0x2000 RW [7:0] SLOTB_CH4_OFFSET[7:0] |