| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP3410D Fiches technique(PDF) 14 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3410D Fiches technique(HTML) 14 Page - Micronas |
|
14 / 83 page ![]() Fig. 4–5: Audio baseband processing (DSP firmware) Analog Inputs SCARTL SCARTR Demodulated IF Inputs I2S Bus Inputs Prescale SCART DC level readout FM1 FM1/AM FM2 Adaptive Deemphasis Deemphasis 50/75 µs J17 Prescale FM/AM FM-Matrix DC level readout FM2 Loudspeaker Channel Matrix Prescale Prescale I2S1 Deemphasis J17 NICAMB NICAMA I2S1L I2S1R Prescale I2S2 I2S2L I2S2R I2S Channel Matrix NICAM NICAMA Quasi-Peak Channel Matrix SCART2 Channel Matrix SCART1 Channel Matrix Headphone Channel Matrix AVC Bass/ Treble or Equalizer Σ Σ Beeper Bass/ Treble Loudness Loudness Quasi-Peak Detector Quasi peak readout L Quasi peak readout R Comple- mentary Highpass Lowpass Spatial Effects Balance Level Adjust Balance Volume Volume Volume Loudspeaker L Loudspeaker R Subwoofer Volume Loudspeaker Outputs Headphone Outputs SCART Outputs I2S Outputs I2SR I2SL SCART2_R SCART2_L SCART1_R SCART1_L Headphone R Headphone L Internal signal lines (see Fig. 4–2 and Fig. 4–3) |