| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP3410D Fiches technique(PDF) 83 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3410D Fiches technique(HTML) 83 Page - Micronas |
|
83 / 83 page ![]() Micronas B4 A2 A1 0.8µ 0.5µ 0.45µ 0.8µ 0.5µ 0.45µ 0.8µ 0.5µ 0.45µ 67, 6B, 6G 8C and 94 G1, G4 H1, H3 6C, 6D 8D G2, G5 H2, H4 6E, 6F 8F G3, G6, H5 Feature Documented in Technology Mask Iteration Code B3 B2 MSP 3417D / MSP 3407D MSP-Type Version Code MSP 3415D / MSP 3405D MSP 3410D / MSP 3400D C5 D/A-Outputs S/N-ratio - - - Pinning SCART2_Out pin Datasheet connected DAC-Headphone pins Datasheet connected Audio_Clock_Out Datasheet connected The following pins refer to PQFP80: Pin 52 Datasheet ASG2 ASG2 ASG2 ASG2 Pin 32 Datasheet ASG3 ASG3 Pin 14 Datasheet not connected DVSS DVSS not connected DVSS DVSS Pin 16 Datasheet DVSS not connected not connected DVSS not connected not connected *1) In spite of increased DC-level controller-algorithms for automatic Sat-Carrier detection should run properly not connected (s. Datasheet P.59) improved MSP 34x7D not available in 80-PQFP MSP 34x7D not available in 80-PQFP not connected not connected connected not connected improved improved not connected (s. Datasheet P.51) not connected connected connected not connected (s. Datasheet P.51) not connected MSP 34x7D not available in 80-PQFP MSP 34x7D not available in 80-PQFP not connected (s. Datasheet P.51) Date: 11.10.00 Page 2 of 2 Pages |