Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBC Fiches technique(PDF) 90 Page - Texas Instruments

No de pièce OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Fiches technique(HTML) 90 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 86Page - Texas Instruments OMAP3530ECBC Datasheet HTML 87Page - Texas Instruments OMAP3530ECBC Datasheet HTML 88Page - Texas Instruments OMAP3530ECBC Datasheet HTML 89Page - Texas Instruments OMAP3530ECBC Datasheet HTML 90Page - Texas Instruments OMAP3530ECBC Datasheet HTML 91Page - Texas Instruments OMAP3530ECBC Datasheet HTML 92Page - Texas Instruments OMAP3530ECBC Datasheet HTML 93Page - Texas Instruments OMAP3530ECBC Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
AF5
NA
U3
NA
W4
mcbsp3_clkx uart2_tx
gpio_142
hsusb3_tll_d
safe_mode
ata6
AE5
NA
W3
NA
V4
mcbsp3_fsx
uart2_rx
gpio_143
hsusb3_tll_d
safe_mode
ata7
AB26
NA
Y24
NA
NA
uart2_cts
mcbsp3_dx
gpt9_pwm_e
gpio_144
safe_mode
vt
AB25
NA
AA24
NA
NA
uart2_rts
mcbsp3_dr
gpt10_pwm_
gpio_145
safe_mode
evt
AA25
NA
AD22
NA
NA
uart2_tx
mcbsp3_clkx gpt11_pwm_
gpio_146
safe_mode
evt
AD25
NA
AD21
NA
NA
uart2_rx
mcbsp3_fsx
gpt8_pwm_e
gpio_147
safe_mode
vt
AA8
NA
L4
NA
W7
uart1_tx
gpio_148
safe_mode
AA9
NA
R2
NA
W6
uart1_rts
gpio_149
safe_mode
W8
NA
W2
NA
AC2
uart1_cts
gpio_150
hsusb3_tll_cl
safe_mode
k
Y8
NA
H3
NA
V7
uart1_rx
mcbsp1_clkr mcspi4_clk
gpio_151
safe_mode
AE1
NA
V3
NA
NA
mcbsp4_clkx
gpio_152
hsusb3_tll_d mm3_txse0
safe_mode
ata1
AD1
NA
U4
NA
NA
mcbsp4_dr
gpio_153
hsusb3_tll_d mm3_rxrcv
safe_mode
ata0
AD2
NA
R3
NA
NA
mcbsp4_dx
gpio_154
hsusb3_tll_d mm3_txdat
safe_mode
ata2
AC1
NA
T3
NA
NA
mcbsp4_fsx
gpio_155
hsusb3_tll_d mm3_txen_n safe_mode
ata3
Y21
NA
U19
NA
W19
mcbsp1_clkr mcspi4_clk
gpio_156
safe_mode
AA21
NA
V17
NA
AB20
mcbsp1_fsr
cam_global_r
gpio_157
safe_mode
eset
V21
NA
U17
NA
W18
mcbsp1_dx
mcspi4_simo mcbsp3_dx
gpio_158
safe_mode
U21
NA
T20
NA
Y18
mcbsp1_dr
mcspi4_somi mcbsp3_dr
gpio_159
safe_mode
T21
NA
T19
NA
AA18
mcbsp_clks
cam_shutter
gpio_160
uart1_cts
safe_mode
K26
NA
P20
NA
AA19
mcbsp1_fsx
mcspi4_cs0
mcbsp3_fsx
gpio_161
safe_mode
W21
NA
T17
NA
V18
mcbsp1_clkx
mcbsp3_clkx
gpio_162
safe_mode
H18
NA
F23
NA
A23
uart3_cts_rct
gpio_163
safe_mode
x
H19
NA
F24
NA
B23
uart3_rts_sd
gpio_164
safe_mode
H20
NA
H24
NA
B24
uart3_rx_irrx
gpio_165
safe_mode
H21
NA
G24
NA
C23
uart3_tx_irtx
gpio_166
safe_mode
T28
NA
W19
NA
R21
hsusb0_clk
gpio_120
safe_mode
T25
NA
U20
NA
R23
hsusb0_stp
gpio_121
safe_mode
R28
NA
V19
NA
P23
hsusb0_dir
gpio_122
safe_mode
T26
NA
W18
NA
R22
hsusb0_nxt
gpio_124
safe_mode
T27
NA
V20
NA
T24
hsusb0_data
uart3_tx_irtx
gpio_125
safe_mode
0
U28
NA
Y20
NA
T23
hsusb0_data
uart3_rx_irrx
gpio_130
safe_mode
1
U27
NA
V18
NA
U24
hsusb0_data
uart3_rts_sd
gpio_131
safe_mode
2
U26
NA
W20
NA
U23
hsusb0_data
uart3_cts_rct
gpio_169
safe_mode
3
x
U25
NA
W17
NA
W24
hsusb0_data
gpio_188
safe_mode
4
V28
NA
Y18
NA
V23
hsusb0_data
gpio_189
safe_mode
5
V27
NA
Y19
NA
W23
hsusb0_data
gpio_190
safe_mode
6
V26
NA
Y17
NA
T22
hsusb0_data
gpio_191
safe_mode
7
K21
NA
J25
NA
K20
i2c1_scl
J21
NA
J24
NA
K21
i2c1_sda
AF15
NA
C2
NA
AC15
i2c2_scl
gpio_168
safe_mode
AE15
NA
C1
NA
AC14
i2c2_sda
gpio_183
safe_mode
AF14
NA
AB4
NA
AC13
i2c3_scl
gpio_184
safe_mode
90
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More