Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBC Fiches technique(PDF) 79 Page - Texas Instruments

No de pièce OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Fiches technique(HTML) 79 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 75Page - Texas Instruments OMAP3530ECBC Datasheet HTML 76Page - Texas Instruments OMAP3530ECBC Datasheet HTML 77Page - Texas Instruments OMAP3530ECBC Datasheet HTML 78Page - Texas Instruments OMAP3530ECBC Datasheet HTML 79Page - Texas Instruments OMAP3530ECBC Datasheet HTML 80Page - Texas Instruments OMAP3530ECBC Datasheet HTML 81Page - Texas Instruments OMAP3530ECBC Datasheet HTML 82Page - Texas Instruments OMAP3530ECBC Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
AA19
mcbsp1_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_cs0
1
IO
mcbsp3_fsx
2
IO
gpio_161
4
IO
safe_mode
7
V18
mcbsp1_ clkx 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_ clkx 2
IO
gpio_162
4
IO
safe_mode
7
A23
uart3_cts_ rctx 0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_163
4
IO
safe_mode
7
B23
uart3_rts_ sd
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_164
4
IO
safe_mode
7
B24
uart3_rx_ irrx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
C23
uart3_tx_ irtx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
safe_mode
7
R21
hsusb0_clk
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
R23
hsusb0_stp
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
P23
hsusb0_dir
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_122
4
IO
safe_mode
7
R22
hsusb0_nxt
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_124
4
IO
safe_mode
7
T24
hsusb0_ data0 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_tx_ irtx
2
O
gpio_125
4
IO
safe_mode
7
T23
hsusb0_ data1 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rx_ irrx
2
I
gpio_130
4
IO
safe_mode
7
U24
hsusb0_ data2 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rts_ sd
2
O
gpio_131
4
IO
safe_mode
7
U23
hsusb0_ data3 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_cts_ rctx 2
IO
gpio_169
4
IO
safe_mode
7
W24
hsusb0_ data4 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_188
4
IO
safe_mode
7
V23
hsusb0_ data5 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_189
4
IO
safe_mode
7
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
79
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More