Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBAR Fiches technique(PDF) 200 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Fiches technique(HTML) 200 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 196Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 197Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 198Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 199Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 200Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 201Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 202Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 203Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 265 page
background image
DATA1
DATA0
rfbi_a0
rfbi_csx
rfbi_wr
rfbi_da[15:0]
rfbi_rd
AccessTime
ReCycleTime
AccessTime
ReCycleTime
CsPulseWidth
CsOffTime
CsOnTime
CsOffTime
CsOnTime
ReOnTime
ReOffTime
ReOnTime
ReOffTime
DR0
DR1
034-003
rfbi_a0
WeCycleTime
CsPulseWidth
WeCycleTime
CsOffTime
CsOnTime
WeOnTime
WeOffTime
DATA1
DATA0
CsOffTime
CsOnTime
WeOffTime
WeOnTime
rfbi_csx
rfbi_wr
rfbi_da[15:0]
rfbi_rd
034-002
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-30. LCD Display in RFBI Mode – Command / Data Write Mode(1) (2)
(1) In rfbi_csx, x is equal to 0 or 1.
(2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98] .
Figure 6-31. LCD Display in RFBI Mode – Data Read Mode(1) (2)
(1) In rfbi_csx, x is equal to 0 or 1.
(2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
200
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More