Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBAR Fiches technique(PDF) 182 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Fiches technique(HTML) 182 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 178Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 179Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 180Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 181Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 182Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 183Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 184Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 185Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 265 page
background image
A1
A1
LPDDRDevice
RegionshouldencompassallLPDDRcircuitryandvariesdepending
onplacement.Non-LPDDRsignalsshouldnotberoutedonthe
LPDDRsignallayerswithintheLPDDRkeepoutregion.Non-LPDDR
signalsmayberoutedintheregionprovidedtheyareroutedon
layersseparatedfromLPDDRsignallayersbyagroundlayer.No
breaksshouldbeallowedinthereferencegroundlayersinthis
region.Inaddition,the1.8Vpowerplaneshouldcovertheentirekeep
outregion.
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-20. LPDDR Keepout Region
6.4.2.5
Net Classes
Table 6-17 lists the clock net classes for the LPDDR interface. Table 6-18 lists the signal net classes, and
associated clock net classes, for the signals in the LPDDR interface. These net classes are used for the
termination and routing rules that follow.
Table 6-17. Clock Net Class Definitions
CLOCK NET CLASS
OMAP PIN NAMES
CK
sdrc_clk/sdrc_nclk
DQS0
sdrc_dqs0
DQS1
sdrc_dqs1
DQS2
sdrc_dqs2
DQS3
sdrc_dqs3
Table 6-18. Signal Net Class Definitions
CLOCK NET CLASS
ASSOCIATED CLOCK NET CLASS
OMAP PIN NAMES
sdrc_ba, sdrc_a, sdrc_ncs0, sdrc_ncas,
ADDR_CTRL
CK
sdrc_nras, sdrc_nwe, sdrc_cke0
DQ0
DQS0
sdrc_d, sdrc_dm0
DQ1
DQS1
sdrc_d, sdrc_dm1
DQ2
DQS2
sdrc_d, sdrc_dm2
DQ3
DQS3
sdrc_d, sdrc_dm3
6.4.2.6
LPDDR Signal Termination
No terminations of any kind are required in order to meet signal integrity and overshoot requirements.
Serial terminators are permitted, if desired, to reduce EMI risk; however, serial terminations are the only
type permitted. Table 6-19 shows the specifications for the series terminators.
182
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More