Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBA Fiches technique(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Fiches technique(HTML) 81 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 77Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 78Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 79Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 80Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 81Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 82Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 83Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 84Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
safe_mode
7
N5
mcspi2_clk
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_tll_
2
IO
data7
hsusb2_ data7 3
O
gpio_178
4
IO
safe_mode
7
N4
mcspi2_ simo 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpt9_pwm_evt 1
IO
hsusb2_tll_
2
IO
data4
hsusb2_ data4 3
I
gpio_179
4
IO
safe_mode
7
N3
mcspi2_ somi 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpt10_pwm_e 1
IO
vt
hsusb2_tll_
2
IO
data5
hsusb2_ data5 3
O
gpio_180
4
IO
safe_mode
7
M5
mcspi2_cs0
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpt11_pwm_e 1
IO
vt
hsusb2_tll_
2
IO
data6
hsusb2_ data6 3
O
gpio_181
4
IO
safe_mode
7
M4
mcspi2_cs1
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpt8_pwm_evt 1
IO
hsusb2_tll_
2
IO
data3
hsusb2_ data3 3
IO
gpio_182
4
IO
mm2_txen_n
5
IO
safe_mode
7
AA16
sys_32k
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
AD15
sys_xtalin
0
I
Z
I
NA
vdds
Yes
NA
LVCMOS
AD14
sys_xtalout
0
O
Z
O
NA
vdds
Yes
NA
LVCMOS
Y13
sys_clkreq
0
IO
0
1
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_1
4
IO
safe_mode
7
W16
sys_nirq
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_0
4
IO
safe_mode
7
AA10
sys_
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
nrespwron
Y10
sys_
0
IOD
0
1 (PU)
0
vdds
Yes
4
PU/ PD
LVCMOS
nreswarm
gpio_30
4
IO
safe_mode
7
AB12
sys_boot0
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_2
4
IO
safe_mode
7
AC16
sys_boot1
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_3
4
IO
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
81
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More