Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBA Fiches technique(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Fiches technique(HTML) 58 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 54Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 55Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 56Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 57Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 58Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 59Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 60Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 61Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
R2
NA
uart1_rts
0
O
L
L
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
gpio_149
4
IO
safe_mode
7
-
H3
NA
uart1_rx
0
I
L
L
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mcbsp1_clkr
2
IO
mcspi4_clk
3
IO
gpio_151
4
IO
safe_mode
7
-
L4
NA
uart1_tx
0
O
L
L
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
gpio_148
4
IO
safe_mode
7
-
Y24
NA
uart2_cts
0
I
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
mcbsp3_dx
1
IO
gpt9_pwm_e
2
IO
vt
gpio_144
4
IO
safe_mode
7
-
AA24
NA
uart2_rts
0
O
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
mcbsp3_dr
1
I
gpt10_pwm_
2
IO
evt
gpio_145
4
IO
safe_mode
7
-
AD21
NA
uart2_rx
0
I
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
mcbsp3_fsx
1
IO
gpt8_pwm_e
2
IO
vt
gpio_147
4
IO
safe_mode
7
-
AD22
NA
uart2_tx
0
O
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
mcbsp3_clkx
1
IO
gpt11_pwm_
2
IO
evt
gpio_146
4
IO
safe_mode
7
-
F23
NA
uart3_cts_rct
0
IO
H
H
7
vdds
Yes
4
PU100/
LVCMOS
x
PD100
gpio_163
4
IO
safe_mode
7
-
F24
NA
uart3_rts_sd
0
O
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
gpio_164
4
IO
safe_mode
7
-
H24
NA
uart3_rx_irrx
0
I
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
gpio_165
4
IO
safe_mode
7
-
G24
NA
uart3_tx_irtx
0
O
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
gpio_166
4
IO
safe_mode
7
-
J23
NA
hdq_sio
0
IOD
H
H
7
vdds
Yes
4
PU100/
LVCMOS
PD100
sys_altclk
1
I
58
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More