Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP39F511T-E/MQ Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Fiches technique(HTML) 56 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 52Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 53Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 54Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 55Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 56Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 57Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 58Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 59Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
MCP39F511
DS20005393B-page 56
 2015 Microchip Technology Inc.
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5 mm Body [QFN] Land Pattern
With 0.55 mm Contact Length
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Microchip Technology Drawing C04-2140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62