| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP39F511T-E/MQ Fiches technique(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP39F511T-E/MQ Fiches technique(HTML) 53 Page - Microchip Technology |
|
53 / 62 page ![]() 2015 Microchip Technology Inc. DS20005393B-page 53 MCP39F511 11.0 PACKAGING INFORMATION 11.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead QFN (5x5x0.9 mm) Example PIN 1 PIN 1 39F511 -E/MQ ^^ 020 1545256 3 e |