| Moteur de recherche de fiches techniques de composants électroniques |
|
COM20022ITQFP Fiches technique(PDF) 76 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM20022ITQFP Fiches technique(HTML) 76 Page - SMSC Corporation |
|
76 / 83 page ![]() 10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM Datasheet Rev. 08-18-03 Page 76 SMSC COM20022I DATASHEET Note*: t7 is measured from the latest active timing among TC, Write/Read. VALID VALID nCS nREFEX DREQ nDACK TC DIR nDS DATA (D15-D0) t10 t19 t3 t2 t21 t24 t6 t20 t19 t20 t3 t7* t25 t24 t25 t5 t4 t15 t16 t11 t12 t8 t9 t14 t13 t17 t18 Write LOW-POINTER when DMAEN=1 t22 t23 t22 t23 VALID VALID t26 t1 Figure 8.18 - DMA Timing (Motorola Mode 68XX) |