| Moteur de recherche de fiches techniques de composants électroniques |
|
COM20022ITQFP Fiches technique(PDF) 11 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM20022ITQFP Fiches technique(HTML) 11 Page - SMSC Corporation |
|
11 / 83 page ![]() 10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM Datasheet SMSC COM20022I Page 11 Rev. 08-18-03 DATASHEET Invitation to Transmit to this ID? Y N Free Buffer Enquiry to this ID? SOH? YN YN RI? Write SID to Buffer DID =0? DID =ID? Write Buffer with Packet CRC OK? LENGTH OK? DID =0? DID =ID? SEND ACK N Y N Y N Y N Broadcast Enabled? N Y N No Activity for 20.5 uS? Y N Set NID=ID Start Timer: T=(255-ID) Activity On Line? Y N T=0? Set RI RI? Transmit NAK Transmit ACK Set NID=ID Write ID to RAM Buffer Send Reconfigure Burst Power On Reconfigure Timer has Timed Out Start Reconfiguration Timer (210 mS)* TA? Broadcast? Transmit Free Buffer Enquiry No Activity Pass the Token Set TA Y N ACK? NAK? 1 No Activity N Y Increment NID Send Packet Was Packet Broadcast? No Activity N ACK? Set TMA Set TA x 36.5 us for 18.7 us? for 18.7 us? for 18.7 us? Y N N Y Y N N Y N N N N 1 Y Y Y Y Y Y Y N Y Read Node ID ID refers to the identification number of the ID assigned to this node. NID refers to the next identification number that receives the token after this ID passes it. - - - - SID refers to the source identification. DID refers to the destination identification. SOH refers to the start of header character; preceeds all data packets. - YN * Reconfig timer is programmable via setup2 register bits 1, 0. Note - All time values are valid for 10Mbps. Figure 3.1 - COM20022I Operation |