| Moteur de recherche de fiches techniques de composants électroniques |
|
XRA00 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
XRA00 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 40 page ![]() 23/40 XRA00 Command Encoding For encoding the two sets of commands, Basic and Programming, are also distinguished. Table 6. shows how Basic Commands are encoded while Table 7. shows the encoding of Programming Commands. Table 6. Basic Command Encoding Table 7. Programming Command Encoding Basic Commands [CMD] 8-Bit Pattern Hex MSB <- LSB 8-Bit Pattern Binary MSB <- LSB Reply from XRA00 SCROLLID 0x01 0000 0001b “ScrollID Reply” QUIET 0x02 0000 0010b None KILL 0x04 0000 0100b None PINGID 0x08 0000 1000b “PingID Reply” TALK 0x10 0001 0000b None SCROLLALLID 0x34 0011 0100b “ScrollID Reply” Programming Commands [CMD] 8-Bit Pattern Hex MSB <- LSB 8-Bit Pattern Binary MSB <- LSB Reply from XRA00 ERASEID 0x32 0011 0010b None PROGRAMID 0x31 0011 0001b None VERIFYID 0x38 0011 1000b “ScrollID Reply” |