| Moteur de recherche de fiches techniques de composants électroniques |
|
XRA00 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
XRA00 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 40 page ![]() 15/40 XRA00 ttagscrollDel SCROLLID Answer Delay from Reader BIN pulse (nominal value 4.75 x t0) 4.68 x t0 4.82 x t0 µs PINGID Answer Delay from Reader BIN Pulse (nominal value 4.25 x t0) 4.18 x t0 4.32 x t0 µs ttagscrollRep XRA00 SCROLL answer duration (96+16+8 bits, nominal value 120 x t0/2) 108 x t0/2 132 x t0/2 µs terase Erasing time 30 ms tpgm Programming time 30 ms tKill Kill time 30 ms |