Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN4020 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 8Page - Microchip Technology RN4020 Datasheet HTML 9Page - Microchip Technology RN4020 Datasheet HTML 10Page - Microchip Technology RN4020 Datasheet HTML 11Page - Microchip Technology RN4020 Datasheet HTML 12Page - Microchip Technology RN4020 Datasheet HTML 13Page - Microchip Technology RN4020 Datasheet HTML 14Page - Microchip Technology RN4020 Datasheet HTML 15Page - Microchip Technology RN4020 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
RN4020
DS50002279B-page 12
 2015 Microchip Technology Inc.
6.0
ASCII COMMAND API
The RN4020 command API is documented in RN4020
Bluetooth
Low
Energy
Module
User’s
Guide
(DS70005191).
Commands are categorized into the following
functions:
• Built-in Public Services
- Enable/Disable service as Server or Client
- Read/Write characteristic values
- Set notification for characteristic
•Max TX Power
- Set power in dB
• GAP Role
- Central, Peripheral, Observer and
Broadcaster
• Advertising
- Start/Stop
• Bonding
- Bond/Unbound to Master
• Private Service
- Set private service UUID
- Set characteristic UUID for private service
- Set private service filter
• Microchip Low-energy Data Profile (MLDP)
- Enable
- Enter MLDP mode
- Peripheral side configuration
- Central side configuration
• Device Information Profile settings
• Connection
-Status
- Disconnect
- Kill active connection
- Establish connection (Central role only)
- Start/Stop inquiry scan for other devices
(Central role only)
•IO
- Configure GPIO mask
- Set/Get GPIO states
- Ready and Write ADC values
- Read/Write I2C
- Configure PWM
- Device Firmware Update
- Accessing remote configuration
• System
- Reboot
- Factory default
- Display configuration
•Scripting
- Enter script mode
- Declare event handler
- Execute current script
- List current script
- Clear script
- Define User function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28