| Moteur de recherche de fiches techniques de composants électroniques |
|
VPC3232D Fiches technique(PDF) 75 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3232D Fiches technique(HTML) 75 Page - Micronas |
|
75 / 78 page ![]() ADVANCE INFORMATION VPC 323xD, VPC 324xD Micronas 75 Fig. 5–3: 4x4 inset pictures without frame 5.2.3. Examples 5.2.3.1. Select Predefined Mode 2 Scaler settings for VPCpip: SCINC1 = h’600 FFLIM = h’168 NEWLIN = h’194 AVSTRT = h’86 AVSTOP = h’356 SC_PIP = h’11 SC_BRI = h’110 SC_CT = h’30 SC_MODE = h’00 (for S411=0) PIP controller settings to start PIP display: For the VPCpip: VPCMODE = h’01 PIPMODE = h’02 PIPOPER = h’c0 (write the background) wait until NEWCMD = 0 PIPOPER = h’a0 (write the frame) wait until NEWCMD = 0 PIPOPER = h’80 (start writing PIP) After that the PIP position can be changed via HSTR and VSTR registers. e.g. HSTR = h’03 For the VPCmain: VPCMODE = h’05 PIPMODE = h’02 PIPOPER = h’80 (start display PIP) PIP controller settings to stop PIP display: For the VPCmain: PIPOPER = h’90 (stop display PIP) 5.2.3.2. Select a Strobe Effect in Expert Mode Fig. 5–4: Example of the expert mode Scaler settings for VPCpip: SCINC1 = h’480 FFLIM = h’78 NEWLIN = h’194 AVSTRT = h’86 AVSTOP = h’356 SC_PIP = h’1f SC_BRI = h’310 SC_CT = h’30 SC_MODE = h’00 (for S411=0) PIP controller settings to show a strobe effect: For the VPCpip: VPCMODE = h’01 PIPMODE = h’0f VSTR = h’202 HSTR = h’101 NPIX = h’1c NLIN = h’2c NPFB = h’132 PIPOPER = h’c0 (write the background of P1) wait until NEWCMD = 0 PIPOPER = h’a0 (write the frame of P1) wait until NEWCMD = 0 PIPOPER = h’80 (start writing PIP of P1) wait until NEWCMD = 0 PIPOPER = h’c4 (write the background of P2) wait until NEWCMD = 0 PIPOPER = h’a4 (write the frame of P2) wait until NEWCMD = 0 PIPOPER = h’84 (start writing PIP of P2) wait until NEWCMD = 0 PIPOPER = h’c8 (write the background of P3) wait until NEWCMD = 0 PIPOPER = h’a8 (write the frame of P3) wait until NEWCMD = 0 PIPOPER = h’88 (start writing PIP of P3) 00 01 10 11 NSPX 00 01 10 11 NSPY (LINOFFS, PIXOFFS) display window P1 P2 P3 P4 P5 P6 LINOFFS |