| Moteur de recherche de fiches techniques de composants électroniques |
|
VPC3232D Fiches technique(PDF) 31 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3232D Fiches technique(HTML) 31 Page - Micronas |
|
31 / 78 page ![]() ADVANCE INFORMATION VPC 323xD, VPC 324xD Micronas 31 A hardware reset initializes all control registers to 0. The automatic chip initialization loads a selected set of registers with the default values given in Table 3–1. The register modes given in Table 3–1 are – w: write only register – w/r: write/read data register – r: read data from VPC – v: register is latched with vertical sync The mnemonics used in the Intermetall VPC demo software are given in the last column. |