Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF24WN0MB Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Fiches technique(HTML) 33 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 28Page - Microchip Technology MRF24WN0MB Datasheet HTML 29Page - Microchip Technology MRF24WN0MB Datasheet HTML 30Page - Microchip Technology MRF24WN0MB Datasheet HTML 31Page - Microchip Technology MRF24WN0MB Datasheet HTML 32Page - Microchip Technology MRF24WN0MB Datasheet HTML 33Page - Microchip Technology MRF24WN0MB Datasheet HTML 34Page - Microchip Technology MRF24WN0MB Datasheet HTML 35Page - Microchip Technology MRF24WN0MB Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 33
MRF24WN0MA/MB
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
I
RM
XXX
Firmware
Package
Temperature
Range
Device
Device:
MRF24WN0MA:
Integral Antenna
MRF24WN0MB:
External Antenna Connection
Temperature Range:
I= -40
C to +85C (Industrial)
Package:
RM
= Radio Module
Examples:
MRF24WN0MA-I/RM
Revision
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36