Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF24WN0MB Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Fiches technique(HTML) 26 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 22Page - Microchip Technology MRF24WN0MB Datasheet HTML 23Page - Microchip Technology MRF24WN0MB Datasheet HTML 24Page - Microchip Technology MRF24WN0MB Datasheet HTML 25Page - Microchip Technology MRF24WN0MB Datasheet HTML 26Page - Microchip Technology MRF24WN0MB Datasheet HTML 27Page - Microchip Technology MRF24WN0MB Datasheet HTML 28Page - Microchip Technology MRF24WN0MB Datasheet HTML 29Page - Microchip Technology MRF24WN0MB Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 26
Advance Information
 2015 Microchip Technology Inc.
4.8
Taiwan
The MRF24WN0MA/MB module has received compli-
ance approval in accordance with the Telecommunica-
tions Act. Customers seeking to use the compliance
approval in their product should contact Microchip
Technology sales or distribution partners to obtain a
Letter of Authority.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed.
4.8.1
LABELING AND USER
INFORMATION REQUIREMENTS
The MRF24WN0MA/MB module is labeled with its own
NCC mark and certificate number as below:
The user's manual should contain below warning (for
RF device) in traditional Chinese:
注意 !
依據 低功率電波輻射性電機管理辦法
第十二條 經型式認證合格之低功率射頻電
機,非經許可,
公司、商號或使用者均不得擅自變更頻率、
加大功率或變更原設計
之特性及功能。
第十四條 低功率射頻電機之使用不得影響飛
航安全及干擾合法通信;
經發現有干擾現象時,應立即停用,並改善
至無干擾時方得繼續使用。
前項合法通信,指依電信規定作業之無線電
信。
低功率射頻電機須忍受合法通信或工業、科
學及醫療用電波輻射性
電機設備之干擾。
Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36