| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC1 Fiches technique(PDF) 291 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1 Fiches technique(HTML) 291 Page - STMicroelectronics |
|
291 / 308 page ![]() ST7MC1/ST7MC2 291/308 ST7MC DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d) OPTION BYTE 1 OPT7:5= PKG[2:0] package selection These option bits are used to select the device package. OPT4:2= Reserved OPT1:0 = MCO Motor Control Output Options MCO port under reset. Selected Package PKG2 PKG1 PKG0 LQFP32 / SDIP32 0 0 0 LQFP44 0 0 1 SDIP 56 010 LQFP64 0 1 1 LQFP80 1 x x Motor Control Output bit 1 bit 0 HiZ 0 0 Low 0 1 High 1 0 HiZ 1 1 |