Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1 Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 76Page - STMicroelectronics ST7MC1 Datasheet HTML 77Page - STMicroelectronics ST7MC1 Datasheet HTML 78Page - STMicroelectronics ST7MC1 Datasheet HTML 79Page - STMicroelectronics ST7MC1 Datasheet HTML 80Page - STMicroelectronics ST7MC1 Datasheet HTML 81Page - STMicroelectronics ST7MC1 Datasheet HTML 82Page - STMicroelectronics ST7MC1 Datasheet HTML 83Page - STMicroelectronics ST7MC1 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 308 page
background image
ST7MC1/ST7MC2
80/308
16-BIT TIMER (Cont’d)
Figure 48. Input Capture Block Diagram
Figure 49. Input Capture Timing Diagram
Note: The time between an event on the ICAPi pin
and the appearance of the corresponding flag is
from 2 to 3 CPU clock cycles. This depends on the
moment when the ICAP event happens relative to
the timer clock.
ICIE
CC0
CC1
16-BIT FREE RUNNING
COUNTER
IEDG1
(Control Register 1) CR1
(Control Register 2) CR2
ICF2
ICF1
0
0
0
(Status Register) SR
IEDG2
ICAP1
ICAP2
EDGE DETECT
CIRCUIT2
16-BIT
IC1R Register
IC2R Register
EDGE DETECT
CIRCUIT1
pin
pin
FF01
FF02
FF03
FF03
TIMER CLOCK
COUNTER REGISTER
ICAPi PIN
ICAPi FLAG
ICAPi REGISTER
Note: The active edge is the rising edge.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More