Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3412 Fiches technique(PDF) 45 Page - ams AG

No de pièce AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Fiches technique(HTML) 45 Page - ams AG

Back Button AS3412 Datasheet HTML 41Page - ams AG AS3412 Datasheet HTML 42Page - ams AG AS3412 Datasheet HTML 43Page - ams AG AS3412 Datasheet HTML 44Page - ams AG AS3412 Datasheet HTML 45Page - ams AG AS3412 Datasheet HTML 46Page - ams AG AS3412 Datasheet HTML 47Page - ams AG AS3412 Datasheet HTML 48Page - ams AG AS3412 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
ams Datasheet
Page 45
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Figure 58:
OTP Programming Process
OTP Programming: This flow chart describes the OTP programming process in detail.
Besides production trimming using the I²C interface, the
AS3412 features a second unique trimming mechanism. This
very special mode enables the analog music inputs of the
AS3412 to become a production trimming input.
Register dump of OTP registers
0x30, 0x31, 0x32, 0x33, 0x34,
0x35, 0x14 and 0x15
ANC_L and ANC_R
registers programmed
Is ALT2_ENABLE
bit set in 0x11?
Is ALT3_ENABLE
bit set in 0x13?
Start application trim to register
0x30-0x35 and 0x14 and 0x15
Start trim verification with OTP
load tests
Start alternative microphone trim
to register 0x10 and 0x11 with
ALT2_ENABLE bit set
Start trim verification with OTP
load tests
Start alternative microphone trim
to register 0x12 and 0x13 with
ALT3_ENABLE bit set
Start trim verification with OTP
load tests
Verification
OK?
Verification
OK?
Verification
OK?
Device trimming failed
Device trimming failed
Device trimming failed
Device trimming successful
Device is already trimmed. No
more trimming possible. Exit
trimming mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84