Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3412 Fiches technique(PDF) 3 Page - ams AG

No de pièce AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Fiches technique(HTML) 3 Page - ams AG

  AS3412 Datasheet HTML 1Page - ams AG AS3412 Datasheet HTML 2Page - ams AG AS3412 Datasheet HTML 3Page - ams AG AS3412 Datasheet HTML 4Page - ams AG AS3412 Datasheet HTML 5Page - ams AG AS3412 Datasheet HTML 6Page - ams AG AS3412 Datasheet HTML 7Page - ams AG AS3412 Datasheet HTML 8Page - ams AG AS3412 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
ams Datasheet
Page 3
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Pin Assignment
Pin Diagram
Figure 3:
Pin Diagram of AS3412
Pin Description
Figure 4:
AS3412 Pin Assignment
Pin Name
Pin Number
Pin Type
Description
AGND
B5
ANA OUT
Analog reference ground. Has to be connected to GND pin.
For better noise performance a star shaped ground concept is
the preferred option to connect these pins together.
LINL
C1
ANA IN
Line input EQ left channel.
TRSDA/
BPL
C3
ANA
IN/OUT
Data input for production trimming. Can be connected to
LINL pin to enable production trimming via 3.5mm audio jack.
Furthermore this pin features also music bypass function for
the left audio channel in off mode operation in order to
replace and external analog switch.
Pin Assignment
A1
CPP
A2
GND
A3
VNEG
A4
QOP1R
B1
VBAT
B2
HPL
B3
CPN
B4
IOP1R
C1
LINL
C2
LINR
C3
TRSDA/
BPL
C4
MICR
D1
HPR
D2
QOP1L
D3
IOP1L
D4
MICL
A5
QMICR
B5
AGND
C5
ANC/
CSDA
D5
MODE/
CSCL
E1
TRSCL/
BPR
E2
QMICL
E3
MICACL
E4
MICS
E5
MICACR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84