Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP9903T-2E/RW Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce MCP9903T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW Fiches technique(HTML) 30 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 26Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 27Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 28Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 29Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 30Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 31Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 32Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 33Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
MCP9902/3/4
DS20005382C-page 30
 2015-2016 Microchip Technology Inc.
REGISTER 5-19:
EXT FLT STS – EXTERNAL DIODE FAULT STATUS REGISTER (ADDRESS 1BH)
U-0
U-0
U-0
U-0
RC-0
RC-0
RC-0
U-0
—
—
—
—
E3FLT
E2FLT
E1FLT
—
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-4
Unimplemented
: Read as ‘0’
3
E3FLT
: This bit is set if the External Diode 3 channel reported a diode fault
1
= Diode Fault condition present
0
= No Diode Fault present
2
E2FLT
: This bit is set if the External Diode 2 channel reported a diode fault
1
= Diode Fault condition present
0
= No Diode Fault present
1
E1FLT
: This bit is set if the External Diode 2 channel reported a diode fault
1
= Diode Fault condition present
0
= No Diode Fault present
0
Unimplemented
: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50