| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9903T-2E/RW Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9903T-2E/RW Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 50 page ![]() 2015-2016 Microchip Technology Inc. DS20005382C-page 29 MCP9902/3/4 REGISTER 5-16: EXT(N) THRM LIM – EXTERNAL DIODE (N) THERM LIMIT REGISTER (ADDRESSES 19H, 1AH AND 30H) RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 EXT(N)_THL<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-0 EXT(N)_THL<7:0> : External Diode (n) THERM Limits, where n = 1 to 3 REGISTER 5-17: INTD THRM LIM – INTERNAL DIODE THERM LIMIT REGISTER (ADDRESS 20H) RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 IDTHL<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-0 IDTHL<7:0> : Internal Diode THERM Limits REGISTER 5-18: THRM HYS – THERM LIMIT HYSTERESIS REGISTER (ADDRESS 21H) RW-0 RW-0 RW-0 RW-0 RW-1 RW-0 RW-1 RW-0 THRMH<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writeable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-0 THRMH<7:0> : ITHERM Limit hysteresis |