| Moteur de recherche de fiches techniques de composants électroniques |
|
C566D-RFF-CV14QBB1 Fiches technique(PDF) 8 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C566D-RFF-CV14QBB1 Fiches technique(HTML) 8 Page - Cree, Inc |
|
8 / 12 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 8 Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 8 Cree 5-mm Oval LED C566D-RFF/GFF/BFF/AFF C566D-RFE/GFE/BFE/AFE ORDER CODE TABLE* Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C566D-AFF-CV0X0251 2130 5860 A2 584 A5 596 Bulk Yes Amber C566D-AFF-CV14Q341 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) A3 587 A4 593 Bulk Yes Amber C566D-AFF-CV34Q341 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) A3 587 A4 593 Bulk Yes Amber C566D-AFE-CV0X0251 2130 5860 A2 584 A5 596 Bulk No Amber C566D-AFE-CV14Q341 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) A3 587 A4 593 Bulk No Amber C566D-AFE-CV34Q341 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) A3 587 A4 593 Bulk No Amber C566D-AFF-CV0X0252 2130 5860 A2 584 A5 596 Ammo Yes Amber C566D-AFF-CV14Q342 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) A3 587 A4 593 Ammo Yes Amber C566D-AFF-CV34Q342 Any 4 consecutive sub-bins: V3(2564) - W4(4180) A3 587 A4 593 Ammo Yes Amber C566D-AFE-CV0X0252 2130 5860 A2 584 A5 596 Ammo No Amber C566D-AFE-CV14Q342 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) A3 587 A4 593 Ammo No Amber C566D-AFE-CV34Q342 Any 4 consecutive sub-bins: V3(2564) - W4(4180) A3 587 A4 593 Ammo No Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin, single color-bin codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |