Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C566D-RFF-CV14QBB1 Fiches technique(PDF) 5 Page - Cree, Inc

No de pièce C566D-RFF-CV14QBB1
Description  Cree Screen Master 5-mm Oval LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C566D-RFF-CV14QBB1 Fiches technique(HTML) 5 Page - Cree, Inc

  C566D-RFF-CV14QBB1 Datasheet HTML 1Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 2Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 3Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 4Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 5Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 6Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 7Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 8Page - Cree, Inc C566D-RFF-CV14QBB1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 5-mm Oval LED
C566D-RFF/GFF/BFF/AFF
C566D-RFE/GFE/BFE/AFE
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Red
C566D-RFF-CV0X0BB1
2130
5860
RB
619
RB
624
Bulk
Yes
Red
C566D-RFF-CV14QBB1
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
RB
619
RB
624
Bulk
Yes
Red
C566D-RFF-CV34QBB1
Any 4 consecutive sub-bins:
V3(2564) - W4 (4180)
RB
619
RB
624
Bulk
Yes
Red
C566D-RFE-CV0X0BB1
2130
5860
RB
619
RB
624
Bulk
No
Red
C566D-RFE-CV14QBB1
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
RB
619
RB
624
Bulk
No
Red
C566D-RFE-CV34QBB1
Any 4 consecutive sub-bins:
V3(2564) - W4 (4180)
RB
619
RB
624
Bulk
No
Red
C566D-RFF-CV0X0BB2
2130
5860
RB
619
RB
624
Ammo
Yes
Red
C566D-RFF-CV14QBB2
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
RB
619
RB
624
Ammo
Yes
Red
C566D-RFF-CV34QBB2
Any 4 consecutive sub-bins:
V3(2564) - W4 (4180)
RB
619
RB
624
Ammo
Yes
Red
C566D-RFE-CV0X0BB2
2130
5860
RB
619
RB
624
Ammo
No
Red
C566D-RFE-CV14QBB2
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
RB
619
RB
624
Ammo
No
Red
C566D-RFE-CV34QBB2
Any 4 consecutive sub-bins:
V3(2564) - W4 (4180)
RB
619
RB
624
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12