| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W160ECT85N1T Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W160ECT85N1T Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 50 page ![]() M28W160ECT, M28W160ECB 30/50 Figure 14. TFBGA46 6.39x6.37mm - 8x6 ball array, 0.75mm pitch, Bottom View Package Outline Drawing is not to scale. Table 20. TFBGA46 6.39x6.37mm - 8x6 ball array, 0.75mm pitch, Package Mechanical Data E1 E D1 D b A2 A1 A BGA-Z13 ddd e e FD FE SD SE BALL "A1" Symbol millimeters inches Typ Min Max Typ Min Max A 1.200 0.0472 A1 0.200 0.0079 A2 1.000 0.0394 b 0.400 0.350 0.450 0.0157 0.0138 0.0177 D 6.390 6.290 6.490 0.2516 0.2476 0.2555 D1 5.250 – – 0.2067 – – ddd 0.100 0.0039 E 6.370 6.270 6.470 0.2508 0.2469 0.2547 e 0.750 – – 0.0295 – – E1 3.750 – – 0.1476 – – FD 0.570 – – 0.0224 – – FE 1.310 – – 0.0516 – – SD 0.375 – – 0.0148 – – SE 0.375 – – 0.0148 – – |