| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W160ECT85N1T Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W160ECT85N1T Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 50 page ![]() 11/50 M28W160ECT, M28W160ECB COMMAND INTERFACE All Bus Write operations to the memory are inter- preted by the Command Interface. Commands consist of one or more sequential Bus Write oper- ations. An internal Program/Erase Controller han- dles all timings and verifies the correct execution of the Program and Erase commands. The Pro- gram/Erase Controller provides a Status Register whose output may be read at any time during, to monitor the progress of the operation, or the Pro- gram/Erase states. See APPENDIX D., Table 31., Write State Machine Current/Next, for a summary of the Command Interface. The Command Interface is reset to Read mode when power is first applied, when exiting from Re- set or whenever VDD is lower than VLKO. Com- mand sequences must be followed exactly. Any invalid combination of commands will reset the de- vice to Read mode. Refer to Table 3., Commands, in conjunction with the text descriptions below. Read Memory Array Command The Read command returns the memory to its Read mode. One Bus Write cycle is required to is- sue the Read Memory Array command and return the memory to Read mode. Subsequent read op- erations will read the addressed location and out- put the data. When a device Reset occurs, the memory defaults to Read mode. Read Status Register Command The Status Register indicates when a program or erase operation is complete and the success or failure of the operation itself. Issue a Read Status Register command to read the Status Register’s contents. Subsequent Bus Read operations read the Status Register at any address, until another command is issued. See Table 10., Status Regis- ter Bits, for details on the definitions of the bits. The Read Status Register command may be is- sued at any time, even during a Program/Erase operation. Any Read attempt during a Program/ Erase operation will automatically output the con- tent of the Status Register. Read Electronic Signature Command The Read Electronic Signature command reads the Manufacturer and Device Codes and the Block Locking Status, or the Protection Register. The Read Electronic Signature command consists of one write cycle, a subsequent read will output the Manufacturer Code, the Device Code, the Block Lock and Lock-Down Status, or the Protec- tion and Lock Register. See Tables 4, 5 and 6 for the valid address. Read CFI Query Command The Read Query Command is used to read data from the Common Flash Interface (CFI) Memory Area, allowing programming equipment or appli- cations to automatically match their interface to the characteristics of the device. One Bus Write cycle is required to issue the Read Query Com- mand. Once the command is issued subsequent Bus Read operations read from the Common Flash Interface Memory Area. See APPENDIX B., COMMON FLASH INTERFACE (CFI), Tables 25, 26, 27, 28, 29 and 30 for details on the infor- mation contained in the Common Flash Interface memory area. Block Erase Command The Block Erase command can be used to erase a block. It sets all the bits within the selected block to ’1’. All previous data in the block is lost. If the block is protected then the Erase operation will abort, the data in the block will not be changed and the Status Register will output the error. Two Bus Write cycles are required to issue the command. ■ The first bus cycle sets up the Erase command. ■ The second latches the block address in the internal state machine and starts the Program/ Erase Controller. If the second bus cycle is not Write Erase Confirm (D0h), Status Register bits b4 and b5 are set and the command aborts. Erase aborts if Reset turns to VIL. As data integrity cannot be guaranteed when the Erase operation is aborted, the block must be erased again. During Erase operations the memory will accept the Read Status Register command and the Pro- gram/Erase Suspend command, all other com- mands will be ignored. Typical Erase times are given in Table 7., Program, Erase Times and Pro- gram/Erase Endurance Cycles. See APPENDIX C., Figure 20., Erase Flowchart and Pseudo Code, for a suggested flowchart for using the Erase command. Program Command The memory array can be programmed word-by- word. Two bus write cycles are required to issue the Program Command. ■ The first bus cycle sets up the Program command. ■ The second latches the Address and the Data to be written and starts the Program/Erase Controller. During Program operations the memory will ac- cept the Read Status Register command and the Program/Erase Suspend command. Typical Pro- gram times are given in Table 7., Program, Erase Times and Program/Erase Endurance Cycles. |