Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP0101CS Fiches technique(PDF) 14 Page - ON Semiconductor

No de pièce AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Fiches technique(HTML) 14 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 10Page - ON Semiconductor AP0101CS Datasheet HTML 11Page - ON Semiconductor AP0101CS Datasheet HTML 12Page - ON Semiconductor AP0101CS Datasheet HTML 13Page - ON Semiconductor AP0101CS Datasheet HTML 14Page - ON Semiconductor AP0101CS Datasheet HTML 15Page - ON Semiconductor AP0101CS Datasheet HTML 16Page - ON Semiconductor AP0101CS Datasheet HTML 17Page - ON Semiconductor AP0101CS Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
14
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Multi-Camera Synchronization Support
Multi-Camera Synchronization Support
The AP0101CS supports multi-camera synchronization via the FRAME_SYNC pin. The
host (or controlling entity) 'broadcasts' a sync-pulse to all cameras within the system
that triggers streaming start. The AP0101CS will propagate the signal to the TRIG-
GER_OUT pin to the sensor's TRIGGER pin.
The AP0101CSsupports two different trigger modes. The first mode supported is 'single-
shot'; this is when the trigger pulse will cause one frame to be output from the image
sensor and AP0101CS (see Figure 7).
Figure 7:
Single-Shot Mode
Table 10:
Trigger Timing
Parameter
Name
Conditions
Min
Typ
Max
Unit
FRAME_SYNC to FV_OUT
tFRMSYNC_FVH
8 lines+ exposure
time + sensor delay
–
–
Lines
FRAME_SYNC to
TRIGGER_OUT
tTRIGGER_PROP
–
–
9
ns
tFRAME_SYNC
tFRAMESYNC
3
–
–
EXTCLK cycles
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42