| Moteur de recherche de fiches techniques de composants électroniques |
|
AP0101CS Fiches technique(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AP0101CS Fiches technique(HTML) 9 Page - ON Semiconductor |
|
9 / 42 page ![]() AP0101CS/D Rev. 7, 1/16 EN 9 ©Semiconductor Components Industries, LLC,2016. AP0101CS HDR: Image Signal Processor (ISP) System Interfaces Power-Up and Down Sequence Powering up and down the AP0101CS requires voltages to be applied in a particular order, as seen in Figure 4. The timing requirements are shown in Table 6. The AP0101CS includes a power-on reset feature that initiates a reset upon power up of the AP0101CS. Figure 4: Power-Up and Power-Down Sequence Table 5: Package Pinout 1 2 3 4 5 6 7 8 9 A EXTCLK XTAL SCLK SPI_SDO DOUT[15] DOUT[13] DOUT[10] DOUT[9] DOUT[8] B VDD VDDIO_H SDATA SPI_SDI DOUT[14] DOUT[12] DOUT[11] DOUT[7] DOUT[6] C EXT_CLK_OUT VDDIO_S SADDR SPI_CS_BA R GND PIXCLK_OUT FV_OUT DOUT[5] DOUT[4] D RESET_BAR_OUT VDD GND SPI_SCLK GND TRST_BAR LV_OUT DOUT[3] DOUT[2] E DIN[3] DIN[7] GND FB_SENSE GND GND VDD_PLL DOUT[1] DOUT[0] F DIN[11] DIN[2] LDO_OP GND_REG GND GND VDD_PLL VDD_PLL VDDIO_OTPM G DIN[6] DIN[1] DIN[4] VDD_REG VDDIO_S VDD RESET_BAR GPIO[4] GPIO[5] H DIN[10] DIN[0] DIN[8] FV_IN M_SDATA VDDIO_H FRAME_SYNC GPIO[2] GPIO[3] J DIN[5] DIN[9] PIXCLK_IN LV_IN M_SCLK VDD STANDBY TRIGGER_OUT GPIO[1] VDDIO_H VDD_REG t3 t5 EXTCLK SCLK t4 SDATA t1 t2 t7 t6 VDDIO_S, VDDIO_OTPM dv/dt dv/dt dv/dt RESET |