| Moteur de recherche de fiches techniques de composants électroniques |
|
DP7221 Fiches technique(PDF) 15 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7221 Fiches technique(HTML) 15 Page - Copal Electronics |
|
15 / 16 page ![]() DP7221 © NIDEC COPAL ELECTRONICS CORP. 15 Doc. No. MD-2113 Rev. K Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) This device used in the above example is a DP7221WI-10-T1 (SOIC, Industrial Temperatur Tape & Reel, 1,000/Reel) ORDERING PART NUMBER DP7221WI-25 DP7221WI-10 DP7221WI-50 DP7221WI-00 DP7221YI-25 DP7221YI-10 DP7221YI-50 DP7221YI-00 Prefix Device # Suffix DP 7221 W I -10 T1 Optional Company ID Package W: SOIC Y: TSSOP Temperature Range I = In dustrial (-40ºC to 85ºC) Product Number 7221 Tape & Reel T: Tape & Reel 1: 1000/Reel - SOIC 2: 2000/Reel - TSSOP Resistance -25: 2.5k -10: 10k -50: 50k -00: 100k |