| Moteur de recherche de fiches techniques de composants électroniques |
|
CHS-01TB1 Fiches technique(PDF) 6 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CHS-01TB1 Fiches technique(HTML) 6 Page - Copal Electronics |
|
6 / 14 page ![]() CHS SLIDE SWITCHES (HALF PITCH) O CHS-08A1 Non-washable type (Without seal tape) O CHS-08B1 (In accordance with EIAJ ED-7402-1) Non-washable type (Without seal tape) 0.15 + 0.1 –0.05 Production date code 11.7 1.27±0.15 1.4±0.15 Schematic 0.4 + 0.1 –0.05 11.7 1.27±0.15 1.4±0.15 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) O CHS-10A1 Non-washable type (Without seal tape) O CHS-10B1 (In accordance with EIAJ ED-7402-1) Non-washable type (Without seal tape) 14.3 1.27±0.15 1.4±0.15 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code 14.3 1.27±0.15 1.4±0.15 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code |