| Moteur de recherche de fiches techniques de composants électroniques |
|
CHS-01TB1 Fiches technique(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CHS-01TB1 Fiches technique(HTML) 5 Page - Copal Electronics |
|
5 / 14 page ![]() CHS SLIDE SWITCHES (HALF PITCH) ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) O CHS-06A1 Non-washable type (Without seal tape) O CHS-06B1 (In accordance with EIAJ ED-7402-1) Non-washable type (Without seal tape) 1.27±0.15 1.4±0.15 Schematic 9.2 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code 1.27±0.15 1.4±0.15 9.2 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code O CHS-04A1 Non-washable type (Without seal tape) O CHS-04B1 (In accordance with EIAJ ED-7402-1) Non-washable type (Without seal tape) 1.27±0.15 1.4±0.15 Schematic 6.6 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code 1.27±0.15 1.4±0.15 6.6 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code |