| Moteur de recherche de fiches techniques de composants électroniques |
|
DS3134 Fiches technique(PDF) 164 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 Fiches technique(HTML) 164 Page - Dallas Semiconductor |
|
164 / 203 page ![]() DS3134 164 of 203 Bridge Mode Figure 10.1A Bridge Mode with Arbitration Enabled Figure 10.1B T1 / E1 Framer or Transceiver Local Bus DS3134 Chateau Host Processor and Main Memory PCI / Custom Bus lb_cnfga T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver Local Bus DS3134 Chateau Host Processor and Main Memory PCI / Custom Bus lb_cnfgb Local CPU that Handles the Real Time Tasks Required by the T1 / E1 Interfaces Local RAM & ROM 1. Request Bus Access 2. Bus Access Granted 3. Transaction Occurs 1 2 3 T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver |