| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5376A Fiches technique(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5376A Fiches technique(HTML) 30 Page - Cirrus Logic |
|
30 / 107 page ![]() CS5376A 30 Sample Command: Write test bit stream data 0x000000, 0x0007DA, 0x000FB5, 0x00178F. 05 00 00 04 00 00 00 00 07 DA 00 0F B5 00 17 8F Write TBS ROM Data - 0x06 This EEPROM command selects the on-chip test bit stream (TBS) data for use by the TBS generator. No data words are required for this EEPROM com- mand. See “Test Bit Stream Generator” on page 64 for more information about the on-chip test bit stream data set. Sample Command: 06 Filter Start - 0x07 This EEPROM command initializes and starts the digital filter. Measurement data becomes available one full sample period after this command is re- ceived. No data words are required for this EE- PROM command. Sample Command: 07 8.5 Example EEPROM Configuration Table 6 shows an example EEPROM file for a min- imal CS5376A configuration. |