Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5376A Fiches technique(PDF) 63 Page - Cirrus Logic

No de pièce CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Fiches technique(HTML) 63 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 59Page - Cirrus Logic CS5376A Datasheet HTML 60Page - Cirrus Logic CS5376A Datasheet HTML 61Page - Cirrus Logic CS5376A Datasheet HTML 62Page - Cirrus Logic CS5376A Datasheet HTML 63Page - Cirrus Logic CS5376A Datasheet HTML 64Page - Cirrus Logic CS5376A Datasheet HTML 65Page - Cirrus Logic CS5376A Datasheet HTML 66Page - Cirrus Logic CS5376A Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
CS5376A
63
data is read from the SD port data FIFO, SDRDY is
released and SDTKO is pulsed high for 100 nS.
16.3.2 Continuous Mode
To have the CS5376A automatically initiate SD
port transactions whenever data becomes available,
connect SDTKI to a 4 MHz or slower clock source
such as MCLK/2. The first rising edge into SDTKI
after data becomes available in the SD port FIFO
causes the CS5376A to initiate an SD port transac-
tion by driving SDRDY low. If data is not available
in the SD port FIFO, the SDTKI signal is passed
through to the SDTKO output.
Once an SD port transaction is initiated, serial
clocks into SDCLK cause data to be output to
SDDAT, as shown in Figure 35. When all available
data is read from the SD port data FIFO, SDRDY is
released and SDTKO is pulsed high for 100 nS.
SDRDY
SDCLK
SDDAT
Figure 35. SD Port Transaction
MSB
LSB
SDTKI
SDTKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More