| Moteur de recherche de fiches techniques de composants électroniques |
|
PIFE32251B-R68MS Fiches technique(PDF) 126 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R68MS Fiches technique(HTML) 126 Page - Texas Instruments |
|
126 / 157 page ![]() 126 TPS650830 SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016 www.ti.com Submit Documentation Feedback Product Folder Links: TPS650830 Detailed Description Copyright © 2014–2016, Texas Instruments Incorporated 6.6.1.60 VREN_PIN_OVR Register (address = 0xEE) [reset = 00000000] Figure 6-82. VREN_PIN_OVR Register Format B7 B6 B5 B4 B3 B2 B1 B0 V12_PIN_OVR V11_PIN_OVR V10_PIN_OVR V9_PIN_OVR V8_PIN_OVR V7_PIN_OVR V5_PIN_OVR V4_PIN_OVR 0 0 0 0 0 0 0 0 RW RW RW RW RW RW RW RW LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Table 6-63. VREN_PIN_OVR Register Field Descriptions Bit Field Type Reset Description 7 V12_PIN_OVR RW 0 V12 ENABLE PIN Over Ride 0: V12 Pin controls V12 1: V12 is ON if VREN PIN MASK = '0' 6 V11_PIN_OVR RW 0 V11 ENABLE PIN Over Ride 0: V11 Pin controls V11 1: V11 is ON if VREN PIN MASK = '0' 5 V10_PIN_OVR RW 0 V10 ENABLE PIN Over Ride 0: V10 Pin controls V10 1: V10 is ON if VREN PIN MASK = '0' 4 V9_PIN_OVR RW 0 V9 ENABLE PIN Over Ride 0: V9 Pin controls V9 1: V9 is ON if VREN PIN MASK = '0' 3 V8_PIN_OVR RW 0 V8 ENABLE PIN Over Ride 0: V8 Pin controls V8 1: V8 is ON if VREN PIN MASK = '0' 2 V7_PIN_OVR RW 0 V7 ENABLE PIN Over Ride 0: V7 Pin controls V7 1: V7 is ON if VREN PIN MASK = '0' 1 V5_PIN_OVR RW 0 V5 ENABLE PIN Over Ride 0: V5 Pin controls V5 1: V5 is ON if VREN PIN MASK = '0' 0 V4_PIN_OVR RW 0 V4 ENABLE PIN Over Ride 0: V4 Pin controls V4 1: V4 is ON if VREN PIN MASK = '0' |