Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIFE32251B-R68MS Fiches technique(PDF) 82 Page - Texas Instruments

No de pièce PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Fiches technique(HTML) 82 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 83Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 84Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 85Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
82
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 6-32. RESETIRQ1MASK Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED1_
RESETIRQ1M
ASK[1]
RESERVED1_
RESETIRQ1M
ASK[0]
MFCO
MVRFAULT
RESERVED_R
ESETIRQ1MAS
K[3]
RESERVED_R
ESETIRQ1MAS
K[2]
RESERVED_R
ESETIRQ1MAS
K[1]
RESERVED_R
ESETIRQ1MAS
K[0]
0
0
1
1
0
0
0
0
R
R
RW
RW
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-13. RESETIRQ1MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
RESERVED1_RESETIRQ1MASK[1:
0]
R
00
5
MFCO
RW
1
Power button triggered reset mask interrupt
0: Not masked
1: Masked
4
MVRFAULT
RW
1
Voltage regulator triggered reset mask interrupt
0: Not masked
1: Masked
3:0
RESERVED_RESETIRQ1MASK[3:0
]
R
0000
6.6.1.11 RESETIRQ2MASK Register (address = 0x12) [reset = 00000010]
Figure 6-33. RESETIRQ2MASK Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED1_
RESETIRQ2M
ASK[5]
RESERVED1_
RESETIRQ2M
ASK[4]
RESERVED1_
RESETIRQ2M
ASK[3]
RESERVED1_
RESETIRQ2M
ASK[2]
RESERVED1_
RESETIRQ2M
ASK[1]
RESERVED1_
RESETIRQ2M
ASK[0]
MCRITTEMP
RESERVED_R
ESETIRQ2MAS
K
0
0
0
0
0
0
1
0
R
R
R
R
R
R
RW
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-14. RESETIRQ2MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7:2
RESERVED1_RESETIRQ2MASK[5:
0]
R
000000
1
MCRITTEMP
RW
1
Temperature triggered reset mask interrupt
0: Not masked
1: Masked
0
RESERVED_RESETIRQ2 MASK
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More