| Moteur de recherche de fiches techniques de composants électroniques |
|
PIFE32251B-R68MS Fiches technique(PDF) 125 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R68MS Fiches technique(HTML) 125 Page - Texas Instruments |
|
125 / 157 page ![]() 125 TPS650830 www.ti.com SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016 Submit Documentation Feedback Product Folder Links: TPS650830 Detailed Description Copyright © 2014–2016, Texas Instruments Incorporated 6.6.1.59 TEMPHOT Register (address = 0xEC) [reset = 00000000] Figure 6-81. TEMPHOT Register Format B7 B6 B5 B4 B3 B2 B1 B0 RESERVED_T EMPHOT[1] RESERVED_T EMPHOT[0] LDO1_HOT VR5_HOT VR4_HOT VR3_HOT VR2_HOT VR1_HOT 0 0 0 0 0 0 0 0 R R RW RW RW RW RW RW LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Table 6-62. TEMPHOT Register Field Descriptions Bit Field Type Reset Description 7:6 RESERVED_TEMPHOT[1:0] R 00 Read Always Returns '1' 5 LDO1_HOT RW 0 LDO1 HOT TEMP 0: Not asserted 1: Asserted, write '1' to clear 4 VR5_HOT RW 0 VR5 HOT TEMP 0: Not asserted 1: Asserted, write '1' to clear 3 VR4_HOT RW 0 VR4 HOT TEMP 0: Not asserted 1: Asserted, write '1' to clear 2 VR3_HOT RW 0 VR3 HOT TEMP 0: Not asserted 1: Asserted, write '1' to clear 1 VR2_HOT RW 0 VR2 HOT TEMP 0: Not asserted 1: Asserted, write '1' to clear 0 VR1_HOT RW 0 VR1 HOT TEMP 0: Not asserted 1: Asserted, write '1' to clear |