Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7181BBCPZ Fiches technique(PDF) 16 Page - Analog Devices

No de pièce ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Fiches technique(HTML) 16 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 12Page - Analog Devices ADV7181BBCPZ Datasheet HTML 13Page - Analog Devices ADV7181BBCPZ Datasheet HTML 14Page - Analog Devices ADV7181BBCPZ Datasheet HTML 15Page - Analog Devices ADV7181BBCPZ Datasheet HTML 16Page - Analog Devices ADV7181BBCPZ Datasheet HTML 17Page - Analog Devices ADV7181BBCPZ Datasheet HTML 18Page - Analog Devices ADV7181BBCPZ Datasheet HTML 19Page - Analog Devices ADV7181BBCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
ADV7181B
Rev. 0 | Page 16 of 96
Enable Subcarrier Frequency Lock Pin
EN_SFL_PIN Address 0x04 [1]
The EN_SFL_PIN bit enables the output of subcarrier lock
information (also known as GenLock) from the ADV7181B
core to an encoder in a decoder-encoder back-to-back
arrangement.
When EN_SFL_PIN is 0 (default), the subcarrier frequency lock
output is disabled.
When EN_SFL_PIN is 1, the subcarrier frequency lock
information is presented on the SFL pin.
Polarity LLC Pin
PCLK Address 0x37 [0]
The polarity of the clock that leaves the ADV7181B via the LLC
pin can be inverted using the PCLK bit.
Changing the polarity of the LLC clock output may be
necessary to meet the setup-and-hold time expectations of
follow-on chips.
When PCLK is 0, the LLC output polarity is inverted.
When PCLK is 1 (default), the LLC output polarity is normal
(as per the timing diagrams).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96